PART |
Description |
Maker |
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
BK/PCB-2-1/2-R BK/PCC-3-R BK/PCB-3-R TR/PCD-5-R |
FUSE 2-1/2A 250V FAST PCTRON LNG FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON SHRT FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE FUSE 3.00A 250V FAST PCTRON LONG FAST BLOW ELECTRIC FUSE, 3A, 250VAC, 350VDC, 50A (IR), THROUGH HOLE Fuse; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
TR/3216FF1-R |
FUSE 1A 63V FAST SMD 1206 FAST BLOW ELECTRIC FUSE, 1A, 32VAC, 63VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc.
|
A065URD73LI1800 A090URD73LI1400 A120URD73LI0800 A1 |
VERY FAST BLOW ELECTRIC FUSE, 1800A, 650VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 1400A, 900VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 800A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 350A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 1200VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 400A, 1300VAC, 100000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 500A, 1200VAC, 100000A (IR), INLINE/HOLDER
|
MERSEN
|
AGC-V-5 AGC-V-8 AGC-V-1/2 AGC-V-10 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC-V RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
3412.0117.XX 3412.0123.XX 3412.0120.XX 3412.0113.X |
SUPER FAST BLOW ELECTRIC FUSE, 4A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT USF 0603 FUSE 1.5A USF 0603 FUSE 1A USF 0603 FUSE 3.5A SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VAC, 32VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 1.6 x 0.8 mm, Super-Quick-Acting FF, 32 VAC, 32 VDC
|
Schurter Inc.
|
BCX71JL BCX71GL |
Cartridge Fuse; Current Rating:62.5mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:31.75mm RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 100MA I(C) | SOT-23 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Vitesse Semiconductor, Corp.
|
3AP8-R 3AG1-R 3AG200-R 3AG2.5-R 3AG1.25-R AG400-R |
Fuses, RoHS 8A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 1A 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 200mA 250V FAST GLASS FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 2.5A 250V FAST GLASS Fuses, RoHS 1.25A 250V FAST GLASS Fast Blow Fuse Series FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), INLINE/HOLDER
|
Bel Fuse, Inc. Bel Fuse Inc.
|
|